Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download BAT54SDW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54TW /ADW / CDW /SDW /BRW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Please click here to visit our online spice models database.
Features
* * * * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
Mechanical Data
* * * * * * * * *
A1 C2 C2 C1 A2 A2 AC
1
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Orientation: See Diagrams Below Marking Information: See Page 3 Ordering Information: See Page 2 Weight: 0.006 grams (approximate)
C2 A2
AC
1
C1
C2
C1
C2
C3
C1
C1
A2
A1
A1
C2
A1
C1
AC
2
A1
A2
AC
2
A1
A2
A3
Top View
BAT54ADW*
BAT54CDW*
BAT54SDW*
BAT54BRW
BAT54TW
*Symmetrical configuration, no orientation indicator.
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR IF IFRM IFSM Value 30 200 300 600 Unit V mA mA mA
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Forward Surge Current (Note 1)
@ t < 1.0s
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 200 625 -65 to +125 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 5)
@TA = 25C unless otherwise specified Symbol V(BR)R Min 30 Typ Max 240 320 400 500 1000 2.0 10 5.0 Unit V Test Condition IR = 100A IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100
Forward Voltage (Note 5)
VF
mV
Reverse Leakage Current (Note 5) Total Capacitance Reverse Recovery Time
Notes:
IR CT trr


A pF ns
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants 5. Short duration pulse test used to minimize self-heating effect.
BAT54TW /ADW /CDW /SDW /BRW
Document number: DS30152 Rev. 16 - 2
1 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated
BAT54TW /ADW / CDW /SDW /BRW
IF, INSTANTANEOUS FORWARD CURRENT (A) 1
100
10
0.1
1
0.01
0.1
0.001
0.01
0.0001
0.001
0 1.0 0.8 0.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 0.2 0.4
0
5 10 15 20 30 25 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
12
PD, POWER DISSIPATION (mW)
CT, TOTAL CAPACITANCE (pF)
10
200
8
6
100
4
2 0 0 15 20 25 10 30 VR, DC REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs. Reverse Voltage 5
0
0
25 50 75 100 TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve
125
Ordering Information
Part Number BAT54ADW-7-F BAT54CDW-7-F BAT54SDW-7-F BAT54BRW-7-F BAT54TW-7-F
Notes:
(Note 6) Case SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 Packaging 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
BAT54TW /ADW /CDW /SDW /BRW
Document number: DS30152 Rev. 16 - 2
2 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated
BAT54TW /ADW / CDW /SDW /BRW Marking Information
Kxx = Product Type Marking Code For Symmetrical Configuration, No Orientation Indicator KL6 = BAT54ADW KL7 = BAT54CDW KL8 = BAT54SDW KLB = BAT54BRW KLA = BAT54TW YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Kxx
Kxx YM Kxx YM
Date Code Key Year 2001 Code M Month Code Jan 1
2002 N Feb 2
2003 P
2004 R Mar 3
2005 S Apr 4
YM
2006 T May 5
2007 U Jun 6
2008 V
2009 W Jul 7
2010 X Aug 8
2011 Y Sep 9
2012 Z Oct O
2013 A
2014 B Nov N
2015 C Dec D
Package Outline Dimensions
A
BC
H K M
J
D
F
L
SOT-363 Dim Min Max A 0.10 0.30 B 1.15 1.35 C 2.00 2.20 D 0.65 Nominal F 0.40 0.45 H 1.80 2.20 J 0 0.10 K 0.90 1.00 L 0.25 0.40 M 0.10 0.22 0 8 All Dimensions in mm
Suggested Pad Layout
E E
Z
G
C
Y X
Dimensions Value (in mm) Z 2.5 G 1.3 X 0.42 Y 0.6 C 1.9 E 0.65
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
BAT54TW /ADW /CDW /SDW /BRW
Document number: DS30152 Rev. 16 - 2
3 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAT54SDW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X